Part Number Hot Search : 
NCE55H 105K1 MBR350NG VR14221 6NB80 TP3C105 CX241 SL74HCT
Product Description
Full Text Search
 

To Download EIC7785-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EIC7785-10
UPDATED 04/12/2006
7.70-8.50 GHz 10-Watt Internally Matched Power FET
Excelics
EIC7785-10
.827.010 .669
.120 MIN
FEATURES
* * * * * * * * 7.70- 8.50GHz Bandwidth Input/Output Impedance Matched to 50 Ohms +40.5 dBm Output Power at 1dB Compression 8.5 dB Power Gain at 1dB Compression 28% Power Added Efficiency -46 dBc IM3 at PO = 29.5 dBm SCL Hermetic Metal Flange Package 100% Tested for DC, RF, and RTH
.024 .421
YYWW
SN
.120 MIN
.125 .508.008 .442 .168.010
ALL DIMENSIONS IN INCHES
.004 .063 .004 .105.008
ELECTRICAL CHARACTERISTICS (Ta = 25C)
SYMBOL P1dB G1dB G PAE Id1dB IM3 IDSS VP RTH PARAMETERS/TEST CONDITIONS1
Output Power at 1dB Compression f = 7.70-8.50GHz VDS = 10 V, IDSQ 3200mA Gain at 1dB Compression f = 7.70-8.50GHz VDS = 10 V, IDSQ 3200mA Gain Flatness f = 7.70-8.50GHz VDS = 10 V, IDSQ 3200mA Power Added Efficiency at 1dB Compression f = 7.70-8.50GHz VDS = 10 V, IDSQ 3200mA Drain Current at 1dB Compression f = 7.70-8.50GHz Output 3rd Order Intermodulation Distortion f = 10 MHz 2-Tone Test; Pout = 29.5 dBm S.C.L2 VDS = 10 V, IDSQ 65% IDSS f = 8.50GHz Saturated Drain Current Pinch-off Voltage Thermal Resistance
3
Caution! ESD sensitive device. MIN
39.5 7.5
TYP
40.5 8.5
MAX
UNITS
dBm dB
0.6 28 3300 -43 -46 5700 -2.5 2.5 7100 -4.0 3.0
o
dB %
3700
mA dBc mA V C/W
VDS = 3 V, VGS = 0 V VDS = 3 V, IDS = 57 mA
2) S.C.L. = Single Carrier Level.
Note: 1) Tested with 50 Ohm gate resistor.
3) Overall Rth depends on case mounting.
ABSOLUTE MAXIMUM RATING1,2
SYMBOLS PARAMETERS Drain-Source Voltage Gate-Source Voltage Forward Gate Current Reserve Gate Current Input Power Channel Temperature Storage Temperature Total Power Dissipation ABSOLUTE1 15 -5 104.4mA -17.4mA 39.5dBm 175 oC -65 to +175 oC 50W CONTINUOUS2 10V -4V 34.8mA -5.8mA @ 3dB Compression 175 oC -65 to +175 oC 50W
Vds Vgs Igsf Igsr Pin Tch Tstg Pt
Note: 1. Exceeding any of the above ratings may result in permanent damage. 2. Exceeding any of the above ratings may reduce MTTF below design goals.
Specifications are subject to change without notice. Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085 Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
page 1 of 1 Revised April 2006


▲Up To Search▲   

 
Price & Availability of EIC7785-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X